PART |
Description |
Maker |
74AUP2G80GN 74AUP2G80GD |
Low-power dual D-type flip-flop; positive-edge trigger AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO8 Low-power dual D-type flip-flop; positive-edge trigger 低功耗双D型触发器;上升沿触
|
NXP Semiconductors N.V.
|
74AUP2G79GF 74AUP2G79GS |
Low-power dual D-type flip-flop; positive-edge trigger AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
74ALVT16821 74ALVT16821DGG 74ALVT16821DL AV16821DL |
positive-edge trigger (3-State) 20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74ALVT162821 AV162821DL 74ALVT162821DGG 74ALVT1628 |
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30Ω termination resistors(3-State)(30 Ω终端电阻.5V/3.3V 20位总线接口上升沿触D触发器(三态)) 2.5V/3.3V0位总线接口D型触发器,积极与30Ω终端电阻3态)(带30Ω终端电阻.5V/3.3V0位总线接口上升沿触发沿触发触发器(三态) Dual 2-Line To 4-Line Decoders/Demultiplexers 16-SO -40 to 85 2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State 2.5 V / 3.3 V 20-bit bus-interface D-type flip-flop, positive-edge trigger with 30 Ohm termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVC821A 74LVC821AD 74LVC821ADB 74LVC821APW 74LVC |
positive-edge trigger (3-State) From old datasheet system 10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State 10-bit D-type flip-flop with 5-volt tolerant inputs/outputs;positive-edge trigger(3-State)(5V输入/输出容限的上升沿触发0位D触发器(三态))
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74HC74N |
Dual D-type flip-flop with set and reset; positive-edge trigger
|
NXP Semiconductors
|
74AHCT74 74AHC74 74AHC74D 74AHC74PW 74AHC74PWDH 74 |
Dual D-type flip-flop with set and reset; positive-edge trigger
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
IN74LV74 IN74LV74D |
Dual D-type flip-flop with set and reset; positive-edge trigger
|
Integral Corp.
|
74HC109N 74HC109D 74HC109DB 74HCT109N 74HCT109PW 7 |
74HC/HCT109; Dual JK flip-flop with set and reset; positive-edge trigger
|
Philips
|
74LVT374 74LVT374D 74LVT374DB 74LVT374PW 74LVT374P |
3.3V Octal D-type flip-flop; positive-edge trigger (3-State)(3.3V ??瑙?????涓??娌胯Е???涓??锛? 3.3V Octal D-type flip-flop; positive-edge trigger 3-State From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DM74ALS14SJ DM74ALS14M DM74ALS14N DM74ALS14 |
Replaced by SN74LVC74A : Dual Positive-Edge-Triggered D-Type Flip-Flop With Clear And Preset 14-SOIC -40 to 85 Hex Inverter with Schmitt Trigger Inputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|